Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LIFE Fiches techniques, Datasheet

Description trouvée : 'Life' - Totale: 989 (6/50) Page
FabricantNo de pièceVoirDescription

DB Lectro Inc
SR2R5304Z High capacitance and low resistance for long cycle life applications

Vishay Siliconix
090PUL-SI Aluminum Capacitors Power Ultra Long Life Snap-In

OptoSupply Internationa...
OST089S01GD-R5RUT831A T08 Round AUTO LED Based on BA9S Long life, easy installation

RUBYCON CORPORATION
35ZLH470MEFC10X16 105℃ Miniaturized, Long Life, Low impedance.

HuaXinAn Electronics CO...
NT90T-B Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.

Cornell Dubilier Electr...
550C282T200CH2B Ultra-Ripple, Long Life Screw Terminal Type

United Chemi-Con, Inc.
EKXJ161E 160 to 500Vdc, long life, 105℃

Micro Commercial Compon...
MBR10200UPS Super long operating life

SunLED Corporation
XZMOK55W-3 Long life and robust package
XZVG55W-A2RT Long life and robust package
XZFBB55W-A2 Long life and robust package

Everlight Electronics C...
EALP03CLAGA0 Long life feature.

DB Lectro Inc
SC2R7803Z High capacitance and low resistance for long cycle life applications

CSB Battery Co., Ltd.
XHRL12410W specially designed for high efficient discharge and long life application

RUBYCON CORPORATION
50YXG220M10X16 105℃ High ripple current. Long Life.

OptoSupply Internationa...
OSCAXX Long life, easy installation

Skyworks Solutions Inc.
SKY77551 Current limiting for over-voltage protection and extended battery life

Jianghai Europe GmbH
CD11CCX Load life of 1000hours at 85C

United Chemi-Con, Inc.
ELXS421VSN Long life snap-ins, 105℃

SunLED Corporation
XZM2CYK45WT-9 Long life and robust package

  1 2 3 4 5 6 7 8 9 10