Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LVDS LVPECL HSTL Fiches techniques, Datasheet

Description trouvée : 'LVDS LVPECL HSTL ' - Totale: 2532 (1/127) Page
FabricantNo de pièceVoirDescription

Silicon Laboratories
SI5330 Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs

Advanced Crystal Techno...
ACT9211 LVPECL or LVDS Clock Oscillator

ILSI America LLC
ISM73 5 mm x 7 mm Ceramic Low Noise SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM63 5 mm x 7 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS

Micrel Semiconductor
SY89538L_08 3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer

ILSI America LLC
I642 3.2 mm x 2.5 mm Ceramic Package SMD VCXO LVCMOS / LVPECL / LVDS
ISM99 5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS

Micrel Semiconductor
SY89536L_08 3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER

MMD Components
IM840B Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz

Texas Instruments
SN65LVDS20 LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE

ILSI America LLC
I630 5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
ISM65 9 mm x 14 mm FR-4 Package SMD Oscillator, LVPECL / LVDS

Micrel Semiconductor
SY89538L 3.3V PRECISION LVPECL AND LVDS PROGRAMMABLE MULTIPLE OUTPUT BANK CLOCK SYNTHESIZER AND FANOUT BUFFER WITH ZERO DELAY
SY89537L 3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer

Vectron International, ...
C1250 PXO 5X7 Surface Mount Package Reflow Process Compatible ACMOS, TTL, LVPECL and LVDS

CTS Corporation
635 LVPECL or LVDS CLOCK OSCILLATOR

Advanced Crystal Techno...
ACT9SKV-6 LVPECL or LVDS Voltage Controlled Oscillator

Broadcom Corporation.
BCM8112 16BIT LVDS AND 64BIT LVPECL INTERFACE

Micrel Semiconductor
SY89534L 3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER

Vectron International, ...
VM-702 MEMS based HCSL, LVDS, LVPECL Oscillator

  1 2 3 4 5 6 7 8 9 10