Moteur de recherche de fiches techniques de composants électroniques |
|
|
LONGITUDINAL Fiches technique, PDF |
Mot-clé recherché : 'LONGITUDINAL' - Totale: 24 (1/2) Pages |
Fabricant | No de pièce | Fiches technique | Description |
Bothhand USA, LP. |
S5498-LF |
727Kb/1P |
Excellent longitudinal balance |
S5799-LF |
564Kb/1P |
Excellent longitudinal balance. | |
Ledil, Inc. |
CS15071 |
3Mb/5P |
Beam with excellent longitudinal luminance |
Lineage Power Corporati... |
MHST02518Z |
290Kb/8P |
Longitudinal and Transverse Heat Sinks |
Ledil, Inc. |
C14165 |
4Mb/17P |
Beam with excellent longitudinal luminance uniformity |
C16926 |
3Mb/12P |
Excellent longitudinal luminance uniformity EN13201 M-class | |
C14164 |
4Mb/18P |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class | |
C17222 |
2Mb/5P |
Excellent longitudinal luminance uniformity for EN13201 M-class | |
C16927 |
3Mb/12P |
Excellent longitudinal luminance uniformity for EN13201 M-class | |
C17223 |
2Mb/5P |
Excellent longitudinal luminance uniformity for EN13201 M-class | |
CA14026 |
1Mb/8P |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class | |
Rhombus Industries Inc. |
T-1169 |
42Kb/1P |
Primary DC Resistance 8.5 W Max., Longitudinal Balance 60dB min. |
Ledil, Inc. |
CS14144 |
5Mb/17P |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class |
C13996 |
1Mb/4P |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class | |
KISTLER INSTRUMENT CORP... |
9247A |
573Kb/5P |
Longitudinal Measuring Pin M5 for contactfree measurement of cavity and injection pressures |
Roithner LaserTechnik G... |
ADL-63302TL |
344Kb/3P |
AlGaAlP laser diode Peak Wavelength 638nm Single Transverse/Longitudinal Mode Optical Ouput Power 30mW |
Ledil, Inc. |
C14515 |
2Mb/4P |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less the pole height |
PHOENIX CONTACT |
SACC-BIT-M8-D12 |
50Kb/2P |
Nut for assembling M8 connectors with longitudinal knurl and a knurl diameter of 12 mm, for 4 mm hexagonal drive |
Agere Systems |
L9311 |
852Kb/50P |
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access |
PHOENIX CONTACT |
SAC-BIT-M8-D10 |
50Kb/2P |
Nut for assembling M8 connectors with longitudinal knurl and a knurl diameter of 10 mm, for 4 mm hexagonal drive |
1 2 > |
1 2 > |