Fabricant | No de pièce | Voir | Description |

Ledil, Inc.
|
C13996 |
 |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class |

PHOENIX CONTACT
|
SAC-BIT-M8-D10 |
 |
Nut for assembling M8 connectors with longitudinal knurl and a knurl diameter of 10 mm, for 4 mm hexagonal drive |
SACC-BIT-M8-D12 |
 |
Nut for assembling M8 connectors with longitudinal knurl and a knurl diameter of 12 mm, for 4 mm hexagonal drive |

Agere Systems
|
L9311 |
 |
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access |

Ledil, Inc.
|
CS15071 |
 |
Beam with excellent longitudinal luminance |

Lineage Power Corporati...
|
MHST02518Z |
 |
Longitudinal and Transverse Heat Sinks |

Ledil, Inc.
|
C14515 |
 |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less the pole height |

Bothhand USA, LP.
|
S5498-LF |
 |
Excellent longitudinal balance |

Rhombus Industries Inc.
|
T-1169 |
 |
Primary DC Resistance 8.5 W Max., Longitudinal Balance 60dB min. |

Bothhand USA, LP.
|
S5799-LF |
 |
Excellent longitudinal balance. |

Roithner LaserTechnik G...
|
LD1490-C010 |
 |
Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window |

Ledil, Inc.
|
C16134 |
 |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less the pole height |
CA15150 |
 |
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less than the pole height. Assembly with installation tape. |