Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



LOCK Fiches techniques, Datasheet

Description trouvée : 'LOCK' - Totale: 4917 (1/246) Pages
FabricantNo de pièceVoirDescription

CONEC Elektronische Bau...
165X10119X LOCK 3.4 FOR SLIDE LOCK

Panasonic Semiconductor
AYF311115 FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure

Molex Electronics Ltd.
0428920085 3.96mm (.156") Pitch KK® Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 7 Circuits
0428920081 3.96mm (.156") Pitch KK® Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 3 Circuits
0428920087 3.96mm (.156") Pitch KK® Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 9 Circuits
0428920086 3.96mm (.156") Pitch KK® Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 8 Circuits, 0.38μm (15μ") Gold (Au) Selective Plating
0424920319 3.96mm (.156") Pitch KK® Solid Header, Right Angle, Friction Lock, with Press-fit Plastic Peg PCB Lock, 2 Circuits
51353-3200 2.00mm Pitch MicroClasp™ Wire-to-Board Receptacle Housing, Positive Lock, Dual
39-29-9082 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain Holes
0014562218 2.54mm (.100") Pitch SL™ Insulation Displacement Connector Assembly, Female,Single Row, Version G, Positive Lock, Wire Size 24, 0.76μm (30μ") Gold (Au), 21 Circuits
0039310087 4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits
0039289108 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock
0417920542 3.96mm (.156") Pitch KK® Solid Header, Right Angle, with Friction Lock, 16 Circuits
0022057045_17 2.50mm Pitch SPOX Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 4 Circuits
0511630400 2.50mm (.098") Pitch Wire-to-Board Receptacle Housing, Positive Lock, With Retainer4 Circuits
5046930206 CP-3.3 Plug Housing, 3.30mm Pitch, Single Row, Polarized, Positive Inertia Lock
0014562146 2.54mm (.100") Pitch SL™ Insulation Displacement Connector Assembly, Female,Single Row, Version G, Positive Lock, Wire Size 28, 0.38μm (15μ") Gold (Au), 14 Circuits
15-24-9247 Mini-Fit® BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 24
0022232261 2.54mm (.100) Pitch KK® Solid Header, Vertical, with Friction Lock, 26 Circuits, Tin (Sn) Plating
39-28-1063 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes