Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LOAD Fiches techniques, Datasheet

Description trouvée : 'LOAD' - Totale: 1969 (1/99) Page
FabricantNo de pièceVoirDescription

TDK Electronics
FCR8.0MC5T FCR(Built-in load capacitance/External load capacitance) series

ON Semiconductor
NCP45520 ecoSWITCH Advanced Load Management Controlled Load Switch with Low RON

Intersil Corporation
ISL6334 VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6334ACRZ-T VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features

Rochester Electronics
FPF2504-G INTELLIMAX LOAD SWITCHES available in thin profile packages Load Switch

Intersil Corporation
ISL6334IRZ VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features

Texas Instruments
LM2596 monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.

Intersil Corporation
ISL6334AR5368 VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features

Renesas Technology Corp
ISL6334AR5368 VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334B VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features

Omron Electronics LLC
K34-C1 An Ideal Indicator for OK/NG Judgements in Automated and Picking Machines, Measuring Factors such as Pressure, Load, Torque, and Weight Using Load Cell Signal Input.

ON Semiconductor
NCP45524 Advanced Load Management Controlled Load Switch with Low RON

Intersil Corporation
ISL6334AR5368 VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features

Bel Fuse Inc.
SS-39100-017 8 POSITION / 8 CONDUCTOR CAT6 UNSHIELDED PLUG LOAD BAR

Toshiba Semiconductor
SSM6N48FU Load Switching Applications

Dialog Semiconductor
SLG59M1470V 9.8 m Nanopower Mobile 6.0 A Load Switch with Discharge

Pasternack Enterprises,...
PE6806 2 Watts WR-90 RF Load Up To 12.4 GHz
PEWTR1010 6 Watts Low Power Commercial Grade WR-137 Waveguide Load 5.85 GHz to 8.2 GHz

Texas Instruments
LM9076BMAX-5.0NOPB Available with 5.0V or 3.3V Output Voltage, Ultra Low Ground Pin Current, 25 μA Typical for 100 μA Load

ON Semiconductor
FDC6326L Integrated Load Switch

  1 2 3 4 5 6 7 8 9 10