Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LINEAR Fiches techniques, Datasheet

Description trouvée : 'LINEAR' - Totale: 177 (1/9) Page
FabricantNo de pièceVoirDescription

Maxim Integrated Produc...
MAX16800 High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
MAX8869_11 1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
MAX8885 150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8934G Dual-Input Linear Charger, Smart Power Selector with Advanced Battery Temperature Monitoring
MAX6765_10 Automotive Micropower Linear Regulators with Supervisor
MAX1792 500mA Low-Dropout Linear Regulator in uMAX
MAX5386_10 Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
MAX5391 Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
MAX8510EXK18-T Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
MAX5387 Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
MAX1705EEE 1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
MAX8840_07 Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
MAX8862 Low-Cost, Low-Dropout, Dual Linear Regulator
MAX6791 High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
MAX15006_10 40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
MAX2267 +2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
MAX8869 1A, MicroCap, Low-Dropout, Linear Regulator
MAX1501 Highly Integrated, Linear Battery Charger with Thermal Regulation for Portable Applications
MAX16910 200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
MAX1508 Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOKin 3mm x 3mm TDFN

  1 2 3 4 5 6 7 8 9