Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LINEAR Fiches techniques, Datasheet

Description trouvée : 'LINEAR' - Totale: 11 (1/1) Page
FabricantNo de pièceVoirDescription

GHz Technology
23A025 2.5 Watts, 20 Volts, Class A Linear to 2300 MHz
MPA201 0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
23A003 0.3 Watts, 15 Volts, Class A Linear to 2300 MHz
80143 1.0 Watts, 15 Volts, Class A Linear to 2300 MHz
10A060 6 Watts, 20 Volts, Class A Linear to 1000 MHz
23A005 0.5 Watts, 20 Volts, Class A Linear to 2300 MHz
10AM05 5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
10AM11 11 Watts, 20 Volts, Class A Linear to 1000 MHz
23A017 1.7 Watts, 20 Volts, Class A Linear to 2300 MHz
10A015 1.5 Watts, 20 Volts, Class A Linear to 1000 MHz
10AM20 20 Watts, 20 Volts, Class A Linear to 1000 MHz