Fabricant | No de pièce | Voir | Description |

Maxim Integrated Produc...
|
MAX4834 |
 |
250mA LDO Linear Regulators with Current-Limiting Switch |
MAX8510EXK18-T |
 |
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators |
MAX15006_1111 |
 |
40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO |
MAX15006_10 |
 |
40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO |
MAX4968 |
 |
16-Channel, Linear, High-Voltage Analog Switches |
MAX8842 |
 |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in μDFN |
MAX8940 |
 |
Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator |
MAX5387 |
 |
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer |
MAX5389 |
 |
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer |
MAX1765_11 |
 |
800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator |
MAX1725 |
 |
12V, Ultra-Low IQ, Low-Dropout Linear Regulators |
MAX8840 |
 |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in μDFN |
MAX4832 |
 |
100mA LDO Linear Regulators with Current-Limiting Switch |
MAX5087_08 |
 |
45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay |
MAX8532 |
 |
Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP |
MAX8887_06 |
 |
Low-Dropout, 300mA Linear Regulators in SOT23 |
MAX5084 |
 |
Ultra Low Dropout, 7.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA |
MAX15006_13 |
 |
40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO |
MAX2267 |
 |
+2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers |
MAX6620_13 |
 |
Quad Linear Fan-Speed Controller |