Fabricant | No de pièce | Voir | Description |

Texas Instruments
|
LM3686_15 |
 |
Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator |
LP38500-ADJ_15 |
 |
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs |
TPS728XX_09 |
 |
200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output |
LP38501-ADJ_15 |
 |
LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs |
TPS720 |
 |
350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin |
TPS7A8001_15 |
 |
TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator |
LP38503-ADJ_15 |
 |
LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs |
TPS72301 |
 |
200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS |
TPS735 |
 |
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator |
TPS782 |
 |
TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator |
LP38691_15 |
 |
LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors |
LP38501TJ-ADJ |
 |
LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator |
TPS783XX_10 |
 |
500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator |
TPS74401 |
 |
3.0A Ultra-Low Dropout Linear Regulator |
LP38798_15 |
 |
LP38798 High PSRR, Ultra-Low-Noise, 800-mA Linear Voltage Regulator for RF/Analog Circuits |
LP38853_15 |
 |
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start |
TPS65140 |
 |
TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD |
LP3990TL-0.8 |
 |
LP3990 150mA Linear Voltage Regulator for Digital Applications |
TPS77025DBVRG4 |
 |
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS |
TPS79601 |
 |
ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS |