Fabricant | No de pièce | Voir | Description |

Analog Devices
|
LT3094 |
 |
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator |
ADP1706 |
 |
1 A, Low Dropout, CMOS Linear Regulator |
ADP1754 |
 |
1.2 A, Low VIN, Low Dropout Linear Regulator |
ADP1720-EP |
 |
50 mA, High Voltage, Micropower Linear Regulator |
LT3093 |
 |
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator |
ADP121-AUJZ12R7 |
 |
150 mA, Low Quiescent Current, CMOS Linear Regulator |
ADP1740 |
 |
2 A, Low Dropout, CMOS Linear Regulator |
ADP1716_15 |
 |
500 mA, Low Dropout, CMOS Linear Regulator |
ADP3302 |
 |
High Precision anyCAP™ Dual Low Dropout Linear Regulator |
ADP667ANZ |
 |
+5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator |
ADP124ACPZ-1.8-R7 |
 |
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators |
HMC6545 |
 |
32 Gbps Dual Channel Advanced Linear Equalizer |
ADP3171 |
 |
Synchronous Buck Controller with Dual Linear Regulator Controllers |
ADP1713AUJZ-09-R7 |
 |
300 mA, Low Dropout CMOS Linear Regulator |
ADP1714AUJZ-12-R7 |
 |
300 mA, Low Dropout CMOS Linear Regulator |
ADP667ARZ |
 |
+5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator |
5962-88565022A |
 |
MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON |
ADP3300ARTZ-3.3RL7 |
 |
High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator |
ADP122 |
 |
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator |
ADP151_VD |
 |
Ultralow Noise, 200 mA, CMOS Linear Regulator |