Fabricant | No de pièce | Voir | Description |

ON Semiconductor
|
NCP5662_13 |
 |
Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable |
NCV8570B_13 |
 |
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator |
NCV8504_07 |
 |
Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator |
NCP59744_17 |
 |
3.0 A, Dual-Rail Very Low-Dropout Linear Regulator |
NCV8715_16 |
 |
Wide Input Voltage, Low Dropout Linear Voltage Regulator |
NCP715_16 |
 |
50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator |
NCP59748_16 |
 |
1.5 A, Dual-Rail Very Low‐Dropout Linear Regulator |
LV5680NPVC |
 |
Linear Voltage Regulator, Multiple-Output, System Power Supply IC |
NCP5504_13 |
 |
250 mA Dual Output Low Dropout Linear Regulator |
MC78PC00_05 |
 |
Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator |
NCV8612 |
 |
Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator |
CS5203-3 |
 |
3.0 A, 3.3 V Fixed Linear Regulator |
CS5204-1_06 |
 |
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators |
CS5201-1 |
 |
1.0 A Adjustable Linear Regulator |
CS52510-1 |
 |
10 A LDO 5−Pin Adjustable Linear Regulator |
NCV8509_08 |
 |
Sequenced Linear Dual-Voltage Regulator |
CS8221 |
 |
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator |
NCP729 |
 |
200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator |
CS9202 |
 |
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP |
NCP2860_06 |
 |
300 mA Very Low Noise, Low Dropout Linear Regulator |