Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LINE Fiches techniques, Datasheet

Description trouvée : 'LINE' - Totale: 20 (1/1) Page
FabricantNo de pièceVoirDescription

Littelfuse
V175LS5 Line Voltage Operation, Radial Lead
P0641Q22CLRP The series provides single line protection using a fixed voltage switching device
V320LS20A Line Voltage Operation, Radial Lead
TMOV25S Metal Oxide Varistors (MOVs) are rated for specific AC line operating voltages, and exceeding these limits through
P1500ME CATV Line Amplifiers/Power Inserters ME SIDACtor Device
V575LS80 Line Voltage Operation, Radial Lead
V130LA1 Line Voltage Operation, Radial Lead
AK1 The AK1 series of high power TVS diode is specially designed for meeting severe surge test environment of both AC and DC line protection applications
SMD1210 This product line is designed for surface-mount applications with a range in hold currents from 50 mA to 1.5 A and voltages from 6 V to 30 V.
P1900NE CATV Line Amplifiers/Power Inserters NE SIDACtor Device
P1500MEL CATV Line Amplifiers/Power Inserters 5 kA SIDACtor® Device
P0080ZA Four-port Metallic Line Protector
AK3 The AK3 series of high power TVS diode is specially designed for meeting severe surge test environment of both AC and DC line protection applications
P1500NEL CATV Line Amplifiers/Power Inserters 3 kA SIDACtor® Device
P1900RE CATV Line Amplifiers/Power Inserters RE SIDACtor Device
P1500REL CATV Line Amplifiers/Power Inserters 3 kA SIDACtor® Device
AK6 Silicon Avalanche Diodes - 6000W Transient Voltage Suppression For AC Line Protection
P0641SALRP The series provides single line protection using a fixed voltage switching device
V130LA1P Varistor Products - Line Voltage Operation, Radial Lead
AK15 The AK15 series of high power TVS diode is specially designed for meeting severe surge test environment of both AC and DC line protection applications