Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LINE Fiches techniques, Datasheet

Description trouvée : 'LINE' - Totale: 290 (1/15) Page
FabricantNo de pièceVoirDescription

M/A-COM Technology Solu...
MRF174_15 The RF MOSFET Line
MRF177 The RF MOSFET Line 100W, 400MHz, 28V
28333-DSH-001-A_15 Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
MRF16006_15 The RF Line NPN Silicon Power Transistor
MRF173CQ The RF MOSFET Line 80W, 175MHz, 28V
MRF421_17 The RF Line NPN Silicon Power Transistor
MRF327 The RF Line Controlled “Q” Broadband Power Transistor 80W, 100 to 500MHz, 28V
MABACT0040 1:1 Transmission Line Transformer, with center tap
MABA-009822-715254_15 RF 1:1 Transmission Line Transformer
MABACT0074_15 2.66:1 Transmission Line Transformer
MABA-011030 Transformer, 1:1 Transmission Line 46MHz - 1002MHz
MRF136Y The RF MOSFET Line
MABA-007327-CT1A40 1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
ETC1.6-4-2-3_V2 E-SerieS RF 4:1 Transmission Line
MRF136_15 The RF MOSFET Line
MRF275L_15 The RF MOSFET Line
MRF587_15 The RF Line NPN Silicon High Frequency Transistor
MABACT0039 1:1 Transmission Line Transformer 5-3000MHz
28333-BRF-001-A DS3/E3/STS-1 Line lnterface Unit
MABA-009711-ETK2MM E-Series RF 1:4 Transmission Line Step-up Transformer

  1 2 3 4 5 6 7 8 9 10