Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LENGTH Fiches techniques, Datasheet

Description trouvée : 'LENGTH' - Totale: 11922 (1/597) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0757571261 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 12 Circuits, Gold (Au) Flash Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757575401 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 20 Circuits, 1.5μm (60μ) Tin (Sn) Plating, 16.09mm (.633) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571121 3.50mm Pitch, MX150™ Header, Breakaway, Vertical, 4 Circuits, 2.5μm Tin (Sn) Plating, 11.20mm Mating Pin Length, 3.05mm PC Tail Length
0757571141 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 8 Circuits, 2.5μm (100μ) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571462 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 12 Circuits, 1.5μm (60μ) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 4.75mm (.187) PC Tail Length
0757571231 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 6 Circuits, Gold (Au) Flash Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571422 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 4 Circuits, 1.5μm (60μ) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 4.75mm (.187) PC Tail Length
0757575431 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 6 Circuits, 1.5μm (60μ) Tin (Sn) Plating, 16.09mm (.633) Mating Pin Length, 3.05mm (.120) PC Tail Length
0782151044 Impact 5 Pair, Right Angle Power Header, Press-Fit, Blade A1 & A2 Length 6.90mm B1 & B2 Length 5.70mm
0757571432 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 6 Circuits, 1.5μm (60μ) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 4.75mm (.187) PC Tail Length
0757575421 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 4 Circuits, 1.5μm (60μ) Tin (Sn) Plating, 16.09mm (.633) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571241 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 8 Circuits, Gold (Au) Flash Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757570452 3.50mm Pitch, MX150™ Header, Breakaway, Vertical, 5 Circuits, 1.25μm (Ni) Overall, 1.50μm Minimum Select Matte Tin (Sn) Plating Overall11.20mm Mating Pin Length, 4.75mm PC Tail Length
0757571221 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 4 Circuits, Gold (Au) Flash Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571402 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 20 Circuits, 1.5μm (60μ) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 4.75mm (.187) PC Tail Length
0757571441 3.50mm Pitch, MX150™ Header, Breakaway, Vertical, 8 Circuits, 1.5μm (Sn) Plating, 11.20mm Mating Pin Length, 3.05mm PC Tail Length
0757575481 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 16 Circuits, 1.5μm (60μ) Tin (Sn) Plating, 16.09mm (.633) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757576481 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 16 Circuits, 1.5μm (60μ) Tin (Sn) Plating, 27.77mm (1.093) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757575441 3.50mm Pitch, MX150™ Header, Breakaway, Vertical, 8 Circuits, 1.5μm (Sn) Plating, 16.09mm Mating Pin Length, 3.05mm PC Tail Length
0887632500 2.00mm (.079) Pitch IEEE 1394 6-Pin-to-6-Pin Cable Assembly, 1.0m (3.28 ) Length, Length

  1 2 3 4 5 6 7 8 9 10