Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LDO Fiches techniques, Datasheet

Description trouvée : 'LDO' - Totale: 22 (1/2) Page
FabricantNo de pièceVoirDescription

Analog Devices
ADR444_15 Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
CN-0147 Powering a Fractional-N Voltage Controlled Oscillator with Low Noise LDO Regulators for Reduced Phase Noise
ADP7104 20 V, 500 mA, Low Noise, CMOS LDO
ADR440_15 Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
ADR440_10 Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
ADP7102 20 V, 300 mA, Low Noise, CMOS LDO
ADR127BUJZ Precision, Micropower LDO Voltage References in TSOT
ADP5022 Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
ADR127_15 Precision, Micropower LDO Voltage References in TSOT
ADP7105ARDZ 20 V, 500 mA, Low Noise LDO Regulator with Soft Start
ADP5052 5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
ADP1720 50mA High-Voltage Micro-power LDO in MSOP
ADR443_15 Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
ADR440 Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
ADP5050 5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
ADR125_15 Precision, Micropower LDO Voltage References in TSOT
ADR441_15 Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
UG-289 RedyKit for the ADP150 LDO
ADR445_15 Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
ADR121_15 Precision, Micropower LDO Voltage References in TSOT

  1 2