Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LCD Fiches techniques, Datasheet

Description trouvée : 'LCD' - Totale: 40 (1/2) Page
FabricantNo de pièceVoirDescription

AAEON Technology
AOP-8060HT.WT 5.7” Color STN QVGA (320 x 240) LCD or 6.4” Color TFT VGA (640x480) LCD
ONYX-219 19” True Color High Contrast 300 Nits Medical LCD
APC-7100 CPU based Fanless Industrial Robust Panel PC with 10.4 TFT LCD
SBC-558P 36-bit Dual channel TTL TFT/DSTN/MONO LCD
AOP-8120HT.WT 12.1” TFT LCD, Onboard Ultra Low Voltage Intel® Celeron® Processor at 650MHz
GENE-5315REV.B Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
AWK-4501 15” XGA (1024 x 768) Color TFT LCD
GENE-5315-A Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
PER-V01B DVI To TTL LCD Signal Conversion
OPD-215A 15” TFT XGA LCD
ONYX-152 VIA Eden CPU based Medical Station with 15 TFT LCD
AP-LD9687M08400 High Contrast Color TFT LCD display 800 x 600
ACD-521R 21.5” Full HD (1920 x 1080) Fanless TFT LCD Display
APC-8152 15” TFT XGA (1024 x 768) LCD
APC-7122 Intel Pentium III and Celeron Processor-based Industrial Robust Panel PC with 12.1 TFT LCD & 2 Expansion Slots
AWK-3201 12.1” SVGA (800 x 600) Color TFT LCD
AMB-2023-E TFT SVGA (800 x 600) LCD
AMB-232A 10.4” TFT SVGA LCD
ONYX-151 color TFT LCD display
GENE-LN05REV.B CRT, 18/24-bit Single Channel LVDS LCD

  1 2