Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LCD Fiches techniques, Datasheet

Description trouvée : 'LCD' - Totale: 7 (1/1) Page
FabricantNo de pièceVoirDescription

TOKO, Inc
DHTP3237 2 in1 type, Max. 8W/ch, LCD Monitors for 20inch size or more and vehicle applications
BLC4115 Max. 6.5 & 5.5W, Medium & Large size LCD Monitors and vehicle applications
BLC4206 2 in 1 type, Max. 6.5W/ch, LCD Monitors for 14 inch size or more and vehicle applications
BLC4204 2 in1 type, Max.3.5W/ch, LCD Monitors for 14 inch size or more and vehicle applications
BLC4110 Max. 10W, LCD Monitors or vehicle applications
CLT4123 Max. 8W, Medium & Large size LCD Monitors and vehicle applications
BLC4126 Max. 4.5W, Narrow width LCD Monitors backlight