Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LCD Fiches techniques, Datasheet

Description trouvée : 'LCD' - Totale: 87 (1/5) Page
FabricantNo de pièceVoirDescription

STMicroelectronics
SPEAR600 Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
ADE3800 Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
STM32L151C8T6 Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
ST62T42B 8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
AN3011 In certain applications such as LCD or plasma TVs
STM32L151RBH6 Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
STV3550 LCD and Matrix Display TV Processor
STM8L151C8T6 8-bit ultralow power MCU, up to 64 KB Flash + 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
STM32F745XX ARM-based Cortex-M7 32b MCU+FPU, 462DMIPS, up to 1MB Flash/320+16+ 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
ADE3700 Analog LCD Display Engine for XGA and SXGA Resolutions
ST62T80B_07 8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
GM5621 Dual input LCD controller for entry level applications
LED7706 6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
AN1048 ST7 software LCD driver
FLI8638 Single-chip advanced LCD TV controller
EMIF10-LCD02F3_08 10-line IPAD, EMI filter and ESD protection for LCD and cameras
FLI8541H Entry level LCD TV controller with HDMI
STM8L152C8T6 8-bit ultralow power MCU, up to 64 KB Flash + 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
EMIF07-LCD02F3 7-line IPAD™, EMI filter and ESD protection for LCD and cameras
STE2028 162 x 130 RGB single-chip true 262k color LCD controller driver

  1 2 3 4 5