Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LCD Fiches techniques, Datasheet

Description trouvée : 'LCD' - Totale: 53 (1/3) Page
FabricantNo de pièceVoirDescription

NXP Semiconductors
PCF8548 65 x 102 pixels matrix LCD driver
OM4068 LCD driver for low multiplex rates
PCF8576C Universal LCD driver for low multiplex rates
OM6211 48 X 84 dot matrix LCD driver
PCF8813 (67 + 1) x 102 pixels matrix LCD driver
PCF2105 LCD controller/driver
PCF8549 65 x 102 pixels matrix LCD driver
PCF2113X LCD controllers/drivers
LC370W01 37.0 WXGA TFT LCD
PCF1179C 4-digit duplex LCD car clock
LPC1850_1112 32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
LM181E1 18 SXGA TFT LCD
PCF2100CP LCD drivers
PCF8566 Universal LCD driver for low multiplex rates
PCF2119X-2 LCD controllers/drivers
P89LPC9401 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver
PCF1172C 31/2-digit LCD car clock
OM6206 65 X 102 pixels matrix LCD driver
PCF1171C 4-digit LCD car clock
LPC2470 Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface

  1 2 3