Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

LCD Fiches techniques, Datasheet

Description trouvée : 'LCD' - Totale: 12 (1/1) Page
FabricantNo de pièceVoirDescription

BEYONDINFINITE
BI2668-V1.1 BI2668 V1.1 is a multi-purpose LCD monitor. It is designed to support dual/single LVDS LCD panel
BI8125_V3.22 FLI8125 V3.22-A is a multi-purpose LCD controller
SFA050XS1-OR The Driving Board provides all the Needs to convert Composite video signal to the proper interface of LCD Panel
BI19AVTL This board is mainly designed for TFT LCD PANEL
BI2033_V2.0 2033 V2.0 C is a multi-purpose LCD controller, it is suitable inland market
BIMST6M181_V1 MST6M181 V1.0 is a multi-purpose LCD controller
HTA050XSG-OR Fit PRIME VIEW PA050XS1 PA050XUS,PA050XSG TFT LCD
BI5621 BI5621 is a multi-purpose LCD monitor, it is suitable European market
BI9E19V1 MST9E19 V1.4 -F is a multi-purpose LCD controller, it is suitable European market
HTA050XSL-ED SFA050XSL-ED driver board apply to drive PVI’s PA050XSH series Color TFT LCD Panel
BI2033_V3.20 2033 V3. 20 is a multi-purpose LCD controller
BI6M16V2 6M16V2.0-C is a multi-purpose LCD controller