Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

KBYTES Fiches techniques, Datasheet

Description trouvée : 'KBYTES' - Totale: 116 (1/6) Page
FabricantNo de pièceVoirDescription

ATMEL Corporation
AT89EB5114_14 4 Kbytes ROM or 4 Kbytes Flash Program Memory

STMicroelectronics
ST7FLCD1 8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
ST7FLCD1_05 8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
ST10F276 16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM

ATMEL Corporation
AT83EB5114_14 4 Kbytes ROM or 4 Kbytes Flash Program Memory

STMicroelectronics
STM8L101XX 8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C

Analog Devices
ADUC831 MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU

STMicroelectronics
STM32F051K8U6 Low- and medium-density advanced ARM™-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
ST19WL18 Smartcard MCU With Modular Arithmetic Processor & 18 Kbytes High Density EEPROM
STM8S103F3U6TR Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash

ATMEL Corporation
AT94S Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM

STMicroelectronics
STM32F051C6T6 Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
STM8AF52AATAY Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
ST21Y036 Smartcard MCU with 36 Kbytes high density EEPROM
STM32F050C6T6A Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
STM8S103F3P6TR Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash
ST23YL80 Smartcard MCU with enhanced security, crypto-processor and 80 Kbytes EEPROM

NXP Semiconductors
PCD3745A 8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock

STMicroelectronics
STM8S003F3P6TR Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI

Analog Devices
ADUC832 MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU

  1 2 3 4 5 6