Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ISO Fiches techniques, Datasheet

Description trouvée : 'ISO' - Totale: 273 (1/14) Page
FabricantNo de pièceVoirDescription

Littelfuse
00560900 Converter 12V trailer from a 24V vehicleISO 1185ISO 3731ISO 11446ISO 1724

WJ Communication. Inc.
WJR7090 Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)

STMicroelectronics
LRI1K 1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant

Littelfuse
00556170 ABS Coils24V/12VHYTREL and PolyurethaneISO 7638-1 and ISO 7638-2
00560000 13-Pole to 7-Pole Adapters12VISO 1724ISO 11446

STMicroelectronics
LRI2K 13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant

Littelfuse
00600300 7-Pole Aluminium Body Sockets24VISO 1185ISO 3731

STMicroelectronics
LRI64_08 Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
LRI2K_08 2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant

Omron Electronics LLC
G8HN_1 Micro ISO Automotive Relay

Littelfuse
02040707Z ISO MINI Relays

Winchester Electronics ...
SD034G-034-00002H BKHD, ISO GND, 75 OHM 1.0/2.3 ADAPTER, F-F

Littelfuse
00605500 15-Pole Plastic Body Plug24VISO 12098

Rosenberger Hochfrequen...
53S17R-001N3 All dimensions are in mm; tolerances according to ISO 2768 m-H

TE Connectivity Ltd
VFMA Automotive Relays Plug-in Micro ISO Relays

Picker Components
PC7150_15 150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay

Maxim Integrated Produc...
MAX66100 ISO 15693-Compliant 64-Bit UID Powered Entirely Through the RF Field

TE Connectivity Ltd
V23134-J0052-D642 Automotive Relays Plug-in Maxi ISO Relays

Texas Instruments
RF430FRL154H_15 RF430FRL15xH NFC ISO 15693 Sensor Transponder

TE Connectivity Ltd
C-2271137 DIMENSIONING AND TOLERANCING PER GPS (ISO STANDARDS).

  1 2 3 4 5 6 7 8 9 10