Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

INTERFACES Fiches techniques, Datasheet

Description trouvée : 'INTERFACES' - Totale: 500 (1/25) Page
FabricantNo de pièceVoirDescription

STMicroelectronics
STM32F103XC_09 High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces

Allen-Bradley
440L-M8400 Safety Light Curtain Interfaces

Baumer IVO GmbH & Co. K...
GXP5W Absolute encoders - bus interfaces

STMicroelectronics
STM32F101X4 Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces

celduc-relais
EBS01000 Support Interfaces E/S DIN rail adaptor for I/O modules

ams AG
AS5046_1 PROGRAMMABLE 12-bit 360° MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES

Semtech Corporation
ECLAMP2342N ESD/EMI Protection for Color LCD Interfaces
ECLAMP2506K ESD/EMI Protection for Color LCD Interfaces

Exar Corporation
XR16M890 Single-Channel UARTs with Selectable Bus Interfaces

Littelfuse
SP6001-0XUTG-1 LCD and camera interfaces in mobile devices are vulnerable to EMI from the cellular band

Altech corporation
5706.2 INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail

STMicroelectronics
STM32F050C6T6A Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces

Bel Fuse Inc.
AN12012 Network Connector Interfaces and Differential to Common Mode Conversion

SeCoS Halbleitertechnol...
KS05UL5 Ultra Low Capacitance ESD Protection for high-speed interfaces

STMicroelectronics
AN3275 Improving the performance of smartcard interfaces

SyncMOS Technologies,In...
SM39R4051 One serial peripheral interfaces in full duplex mode

TRINAMIC Motion Control...
TMC8461 2 MII Interfaces for external Ethernet PHY

PHOENIX CONTACT
2880147 rack with 16 surge protected ports for data interfaces in Ethernet (1000Base-T), Token Ring and FDDI/CDDI networks in acc. with Class D/EN 50173 (CAT5e), connection on the protective device: RJ45 sockets

Lumberg
4514 Multimedia interfaces for infotainment packages

STMicroelectronics
STM32F030X4 Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation

  1 2 3 4 5 6 7 8 9 10