Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

INTERFACES Fiches techniques, Datasheet

Description trouvée : 'INTERFACES' - Totale: 500 (5/25) Page
FabricantNo de pièceVoirDescription

Texas Instruments
TPD3E001_10 LOW-CAPACITANCE 3-CHANNEL ±15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES

ON Semiconductor
CM1263-02SE_11 Low Capacitance ESD Protection for High-Speed Serial Interfaces

Lumberg
4512 Multimedia interfaces for infotainment packages

SeCoS Halbleitertechnol...
SBESD0801S 56W, 5V Ultra Low Capacitance ESD Protection for high-speed interfaces

STMicroelectronics
STR71XFXX ARM7TDMI™ 32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces

Rectron Semiconductor
TEP2201-33LC Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces

List of Unclassifed Man...
88980110 USB interfaces

PHOENIX CONTACT
2701295 Axiocontrol for the direct control of Axioline I/Os. With 2 Ethernet interfaces, extended temperature range, and programming options according to IEC 61131-3. Complete with connector connector and marking field.

ATMEL Corporation
AT83C5122 MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES

Maxim Integrated Produc...
MAX3480EA +-15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces

STMicroelectronics
STR720 ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES

List of Unclassifed Man...
TMC428_06 Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces

Semtech Corporation
LC03-6_08 Low Capacitance TVS for High-Speed Data Interfaces

Maxim Integrated Produc...
MAX9924 Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold

NXP Semiconductors
IP4242CZ6 ESD protection for high-speed interfaces

PHOENIX CONTACT
2751218 INTERBUS ST bus terminal modules with additional interfaces (I/O)

List of Unclassifed Man...
XE1030 Single In-Line Telephone Line Interfaces for Europe

STMicroelectronics
STR73XF ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
STM32F103RCT7 High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
STM32F205VGT6 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128+4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera

  1 2 3 4 5 6 7 8 9 10