Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

INTERBUS Fiches techniques, Datasheet

Description trouvée : 'INTERBUS' - Totale: 58 (1/3) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2729127 INTERBUS OPC Server for Data Exchange Between Distributed INTERBUS Networks and Visualization Systems
2985974 PROFINET IO proxy for INTERBUS with INTERBUS remote bus output and integrated switch with four RJ45 ports
2725024 Rugged Line connector for INTERBUS, either with fiber optic or twisted pair, and supply voltage
2742751 I/O coupling module (gateway) for an INTERBUS system and a PROFIBUS DP system, 24 V DC, protection type IP20
2750950 INTERBUS ST analog input modules for temperature and resistance measurement
2733061 Assembled cable jumper as a short connection between two INTERBUS Rugged Line devices with copper bus connectors and power supply, approximately 30 cm
2878586 Shield connector, for INTERBUS connection
2855949 INTERBUS bus coupler, subminiature connection, transmission speed 2 Mbaud, 24 V DC, without accessories
2722771 The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
2725888 The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
7118 Inline Block IO Module for INTERBUS With 16 Digital Inputs; Bus Connection via D-SUB Connectors
2742094 INTERBUS bus coupler, copper connection, 24 V DC, without accessories
2734170 Rugged Line connector for INTERBUS, either with fiber optic or twisted pair, and supply voltage
2819985 Rugged Line connector for INTERBUS, either with fiber optic or twisted pair, and supply voltage
2862343 Inline Block IO digital input module, INTERBUS, 32 inputs, 24 V DC, 2, 3-wire connection technology
2725147 Fiber cutter for assembling polymer fiber cables for connecting INTERBUS Rugged Line devices
2721662 INTERBUS ST bus terminal modules with additional interfaces (I/O)
7181 Inline Branch Terminal for an INTERBUS Remote Bus; Connections Using Fiber Optics
2731827 INTERBUS Ruggedline modules are provided for harsh ambient conditions or in the case of high requirements regarding system diagnostics.
2723453 INTERBUS ST bus terminal modules with additional interfaces (I/O)

  1 2 3