Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

INTEGRATED Fiches techniques, Datasheet

Description trouvée : 'INTEGRATED' - Totale: 74 (1/4) Page
FabricantNo de pièceVoirDescription

Vishay Siliconix
TFBS5607 Integrated Low Profile Transceiver Module for Telekom Applications 9.6 kbit/s to 1.152 Mbit/s Data Transmission Rate
SIC632 50 A VRPower Integrated Power Stage
SIC402A 10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
SIC769 Integrated DrMOS Power Stage
SIC631 50 A VRPower Integrated Power Stage
VCNL4020 Fully Integrated Proximity and Ambient Light Sensor
SI9122_08 500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
VCNL4040 Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
SI9122 500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers
SIC532 30 A VRPower Integrated Power Stage
APD-016A070 Plasma Panel Display Modules DC Character Module with Drive Electronics TTL Level Data Interface and Integrated DC Converter
SIC645 60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
SIC401A 15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
TSDF52830YS Dual - MOSMIC- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
SIC770CD DrMOS Integrated Power Stage
SIC531 30 A VRPower Integrated Power Stage
VCNL4010-GS08 Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
SIC403 microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
SIC521 30 A VRPower Integrated Power Stage
SIC769AC Integrated DrMOS Power Stage

  1 2 3 4