Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

INTEGRATED Fiches techniques, Datasheet

Description trouvée : 'INTEGRATED' - Totale: 21 (1/2) Page
FabricantNo de pièceVoirDescription

Injoinic Technology Co....
IP2701 Integrated 8 protocols for fast charging protocol ICs for USB ports
IP2703 Integrated 10 protocols for fast charging protocol ICs for USB ports
IP2163 Integrated 9 protocols for fast charging protocol ICs for USB ports
IP5306 2.1A Charging 2.4 A Discharge Highly Integrated Mobile Power SOC
IP2161 Integrated 7 protocols for fast charging protocol ICs for USB ports
IP6502 Output 2.4A, integrated SOC IC for DCP output protocol
IP5305 1.2A Charging 1.0 A Discharge Highly Integrated Mobile Power SOC
IP2712 Integrated USB TYPE -C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
IP6518 Maximum output 45W, integrated Type-C PD output and various fast charge output protocols
IP5209 2.1A Charging 2.4A Discharge Integrated DCP Function Mobile Power SOC
IP5318 4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC
IP5322 Mobile power SOC with integrated input and output fast charge function
IP5312 3A charging, 15W discharge, integrated fast charge input and output function, mobile power supply, SOC
IP2705 Integrated 10 protocols for fast charging protocol ICs for USB ports
IP5310 3A charging 3. 1A discharge Integrated TYPE_C protocol Mobile power SOC
IP6505 Maximum output 24 W, integrated with various fast charge output protocols
IP5328 Integrated mobile power SOC with multiple input and output fast charge functions
IP9315 1. 5A Charging 1.5 A(max) Discharge Highly Integrated Mobile Power SOC
IP5303 1.2A Charging 1.0 A Discharge Highly Integrated Mobile Power SOC
IP6503 Output 2.4A/3.1A, integrated SOC IC for DCP output protocol

  1 2