Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



INSULATION Fiches techniques, Datasheet

Description trouvée : 'INSULATION' - Totale: 2951 (1/148) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0598340250 Insulation Cap, Wire Insulation Diameter 5.20mm (.205")

PHOENIX CONTACT
CF-10-WHEEL-SET-PU 2 replacement rolls for CUTFOX 10, with PU tread, for sensitive cables/conductors and their insulation (for hard insulation to some extent)

List of Unclassifed Man...
1344845 Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant

Tyco Electronics
408-10120 The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper.
408-4347 The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper
408-9938 The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper
408-9997 The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper.

List of Unclassifed Man...
1345962 Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant
1344531 Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant

Tyco Electronics
408-10182 The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper.

Molex Electronics Ltd.
0638933000 Mini-Mac Applicator, Double 18 AWG Wires, One Wire Max Insulation 4.32mm and One Max Insulation 2.79mm

Tyco Electronics
408-10185 The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper.

Molex Electronics Ltd.
0014563152 2.54mm (.100") Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version A, Nonpolarized, Wire Size 28, 0.76μm (30μ") Gold (Au)
11-18-4180 Insulation Punch

List of Unclassifed Man...
C2042 Analog Devices AD20MSP930 CPE Line Transformer Meet requirements of IEC60950 for supplementary insulation, 250V working voltage

Molex Electronics Ltd.
0014564175 2.54mm (.100") Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version D, Back Ribs, Wire Size 28, 0.76μm (30μ") Gold (Au), 17 Circuits
63900-2700 FineAdjust Applicator for Insulation OD 1.30-1.50mm, 22-28 AWG Wire
0014445212_18 2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row,Version D, Back Ribs, for Wire Size 22 AWG, 3.81μm Tin (Sn), 12 Circuits
0014600191 2.54mm (.100") Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version A, Nonpolarized, Wire Size 24, 3.81μm (150μ") Tin/Lead (SnPb)
0639124800 T2 Terminator for insulation OD 2.50-2.95mm optimized for 18 AWG only