Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

INSIDE Fiches techniques, Datasheet

Description trouvée : 'INSIDE' - Totale: 127 (1/7) Page
FabricantNo de pièceVoirDescription

AMETHERM Circuit Protec...
SL0510201 Inside Kinked Leads Use -A after Ametherm’s part # Inside Kinked Leads Use -A after Ametherm’s part #
SL2225004 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Use -B after Ametherm’s part #

Molex Electronics Ltd.
15-80-0209 2.54mm Pitch C-Grid® Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 20 Circuits, 0.38μm Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
0192670189 Perma-Fit™ Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm Inside
15-80-1161 2.54mm Pitch C-Grid® Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 16 Circuits, 0.76μm Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing

AMETHERM Circuit Protec...
SL0525001 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Not Available
SL0860002 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Not Available
SL0822002 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Not Available
SL2250004 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Use -B after Ametherm’s part #

PHOENIX CONTACT
2702941 This LED machine light is designed to provide illumination inside or on machinery.

List of Unclassifed Man...
TIO-PC-AMP Home Stereo Inside Your PC

AMETHERM Circuit Protec...
SL0510001 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Not Available
SL221R520 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Use -B after Ametherm’s part #

Molex Electronics Ltd.
15-80-0369 2.54mm Pitch C-Grid® Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 36 Circuits, 0.38μm Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing

Zowie Technology Corpor...
GBU802LC Internal structure with GPRC (glass passivated rectifier chip) inside

List of Unclassifed Man...
H-277C BI-LEVEL T-1 (5mm) LED HOLDER INTERLOCKING VARIABLE INSIDE DIAMETER

AMETHERM Circuit Protec...
SL222R018 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Use -B after Ametherm’s part #
SL2225005 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Use -B after Ametherm’s part #

Molex Electronics Ltd.
15-80-0229 2.54mm Pitch C-Grid® Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 22 Circuits, 0.38μm Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
0192700023 Perma-Fit™ Heavy Wall Battery Cable Tubing, 19.05mm Inside DiameterAsSuppliedRed1.22m (4.0

  1 2 3 4 5 6 7