Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

INSERTED Fiches techniques, Datasheet

Description trouvée : 'INSERTED' - Totale: 7 (1/1) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
1705452 Coding profile, inserted into the hole on the plug, made from red insulating material, diameter: 1.35 mm
2906364 Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between basic and side element, packing unit: 500
2970031 Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element

Siemens Semiconductor G...
SDA9087 Analog-Digital-Interface for Inserted Picture

Surge Components
SPH2G331MND3045 The capacitor can be inserted into the PCB board

Littelfuse
00720000 The mechanical switches signal many different situations that may occur on commercial vehiches: power takeoff signal light, Idle and reverse gear signal light, Inserted fifth gear signal light, etc

PHOENIX CONTACT
0802764 Thanks to their special shape, EMT insert labels remain securely inside the collar once inserted