Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

INPUTS Fiches techniques, Datasheet

Description trouvée : 'INPUTS' - Totale: 1552 (1/78) Page
FabricantNo de pièceVoirDescription

ON Semiconductor
MC74HCT132A_16 Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs

PHOENIX CONTACT
ILBBTADIO2 Wireless IO module, 16 digital inputs, 16 digital outputs, 2 analog inputs, 2 analog outputs, Bluetooth V1.2; frequency band 2.4 GHz; 1 wireless interface; WLAN-BlackChannelList; LEM; transmission power max. 20 dBm adjustable

Fairchild Semiconductor
74ALVC132 Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs

ON Semiconductor
MC74HCT132A Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs

PHOENIX CONTACT
2688093 Axioline special function module, 2 counter inputs, 2 incremental encoder inputs (including bus base module and connectors)

Fairchild Semiconductor
74VCX132 Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX132_05 Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs

PHOENIX CONTACT
2701043 Basic unit has integrated digital inputs, relay outputs, and analog inputs, including high-speed counters
2701069 Basic unit has integrated digital inputs, relay outputs, and analog inputs, including high-speed counters

Texas Instruments
SN74LV132ADGVR QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS

PHOENIX CONTACT
2819312 Inline temperature regulators, without accessories, 8 inputs for thermocouples, 8 outputs, 24 V DC, 2-wire connection method

ON Semiconductor
MC74HCT4851A Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs

STMicroelectronics
74LCX32 LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS

PHOENIX CONTACT
2702072 Axioline F analog input and output module, 2 inputs, 2 outputs

ON Semiconductor
74HCT04 Hex Inverter With LSTTL−Compatible Inputs High−Performance Silicon−Gate CMOS

STMicroelectronics
74LVX257 LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS

PHOENIX CONTACT
2700838 INTERBUS-ST analog input module, 4 inputs, 0 - 10 V, ±10 V, 0 - 20 mA, 4 - 20 mA

Murata Power Solutions ...
DMS-20RM True-rms ac Voltmeters with Isolated Inputs

Toshiba Semiconductor
TC74LCX07FT Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)

Analog Devices
ADV7282A 10-Bit, 4x Oversampled SDTV Video Decoder with Differential Inputs

  1 2 3 4 5 6 7 8 9 10