Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

INLINE Fiches techniques, Datasheet

Description trouvée : 'INLINE' - Totale: 291 (1/15) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2737009 Inline branch terminal for coupling a Fieldline M8 Modular local bus anywhere on the Inline local bus, conversion of Inline local bus physical structure to the Fieldline local bus physical structure
2702501 Inline ECO terminals are approved for the temperature range from 0°C to +55°C. The electronics base and Inline connector are supplied as standard.
2736903 Branch Terminal for Integrating a Fieldline Modular Local Bus in an Inline Station or for Local Bus Extension of an Inline Station
2740711 Inline shielded connector for analog Inline terminals, printed with the numbers: 1, 2, 11, 21, 12, 22, 13 and 23
2740724 Inline shielded connector for analog Inline terminals, printed with the numbers: 1, 2, 11, 21, 12, 22, 13 and 23
2819668 The Inline multi-channel temperature controller is a freely parameterizable slave for the Inline installation system.
2863928 Terminal de entrada digital Inline, variantes ME Inline (edição para máquina), 4 entradas, 24 V DC
2863627 Inline terminal for serial data transmission
2860374 Connector set for Inline bus coupler, color-coded

Molex Electronics Ltd.
2018410031 MultiCat Inline Receptacle Housing, 3 Circuits, Gray, Key B

PHOENIX CONTACT
6758 Inline Terminal With 2 Analog Input Channels and HART Functions
2702635 The bus coupler is intended for use within a CANopen® network and represents the link to the Inline I/O system.

Amphenol Corporation
U77-A4110-1001 SFP INLINE CAGE

PHOENIX CONTACT
2740342 Inline digital input terminal block, without accessories, 1 input, 230 V AC, 3-wire connection method

Molex Electronics Ltd.
98276-1004 3.33mm / 6.00mm Pitch Hybrid Male Inline Housing, Dual Row, 16 Circuits, White

PHOENIX CONTACT
2727624 Connector, colored identification, for digital 4, or 16-channel Inline output terminal blocks

Hamamatsu Corporation
S8673 One-dimensional PSD using SIP (Single Inline Package)

PHOENIX CONTACT
6655 Inline terminal with two analog outputs
2727792 Connector set for Inline bus coupler

Molex Electronics Ltd.
1301540059 Watertite Inline GFCI Molded W Cordset, 2 Pole/3 Wire, Cordset Length 0.91m

  1 2 3 4 5 6 7 8 9 10