Moteur de recherche de fiches techniques de composants électroniques |
|
|
INCREMENTS, Fiches technique, PDF |
Mot-clé recherché : 'INCREMENTS,' - Totale: 4 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
Torex Semiconductor |
XC9272 |
1Mb/23P |
0.6V~0.95V (짹20mV, 0.05V step increments) |
Minilogic Device Corpor... |
ML6206 |
984Kb/18P |
Low ESR Cap. Compatible Positive Voltage Regulator Output Voltage Range : 1.5V to 5.0V in 0.1V increments |
Texas Instruments |
LM2852 |
1Mb/25P |
Input Voltage Range of 2.85 to 5.5V, Factory EEPROM Set OUTPUT Voltages from 0.8V to 3.3V in 100mV increments |
PHOENIX CONTACT |
CRIMPFOX-TC-MP-1 |
43Kb/2P |
Crimping pliers, for turned contacts, universal cross section setting, from 0.08 mm짼 up to a maximum of 2.5 mm짼, digital display with 0.01 mm increments, pressure lock can be unlocked, lateral entry, including positioning tool |