Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

IEEE Fiches techniques, Datasheet

Description trouvée : 'IEEE' - Totale: 796 (1/40) Page
FabricantNo de pièceVoirDescription

Qualtek Electronics Cor...
1821007-06 IEEE 1394 6P/M - IEEE 6P/M
1821013-10 IEEE 1394 6P/M - IEEE 6P/M
1821019-15 IEEE 1394 6P/M - IEEE 6P/M
1821001-03 IEEE 1394 6P/M - IEEE 6P/M

Level One
POR-0200 IEEE 802.3 10Base-T, Ethernet

Lumberg
248602 USB and IEEE 1394 connectors

California Micro Device...
PACSZ1284_06 IEEE 1284 Parallel Port ESD/EMI/Termination Network

Level One
FCS-5062 5-Megapixel (2592 x 1944) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation

Keysight Technologies
N1081A IEEE 802.3 Ethernet Compliance

National Semiconductor ...
SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST

Molex Electronics Ltd.
0714393464 1.00mm Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual Row,Vertical Stacking, Embossed Tape on Reel, 0.76μm Gold (Au), 64 Circuits Pick and Place Cap

Level One
POR-1200 IEEE 802.3 10Base-T, Ethernet

Monolithic Power System...
MEZS84801A 48V, 12W, PoE Power Supply, IEEE 802.3af Compliant

Aplus Intergrated Circu...
CC2530F32 A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications

Texas Instruments
TSB43DA42_14 IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION

Integrated Device Techn...
82P33810_16 Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet

ATMEL Corporation
TSS901E Tripple Point to Point IEEE 1355 High Speed Controller
ATMEGA128RFA1_11 8-bit Microcontroller with Low Power 2.4GHz Transceiver for ZigBee and IEEE 802.15.4

Cypress Semiconductor
BCM4319XKUBGT Single-Chip IEEE 802.11™ a/b/g/n MAC/Baseband/ Radio with Integrated SDIO and USB Interfaces

List of Unclassifed Man...
AR9344 Highly-Integrated and Feature-Rich IEEE Premium SoC for Advanced WLAN Platforms

  1 2 3 4 5 6 7 8 9 10