Moteur de recherche de fiches techniques de composants électroniques |
|
|
IDENTICAL, Fiches technique, PDF |
Mot-clé recherché : 'IDENTICAL,' - Totale: 14 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
ATMEL Corporation |
AT7911E |
312Kb/22P |
3 identical bidirectional SpaceWire links allowing |
Advanced Power Technolo... |
APT10040LVRG |
79Kb/4P |
Identical Specifications: T-MAX or TO-264 Package |
PREMA Semiconductor. |
PR5040 |
1Mb/7P |
Single Photodiode with identical Outer Dimensions |
Estek Electronics Co. L... |
IW4520B |
164Kb/6P |
Dual Binary Up-Counter consists two identical |
74HC164 |
363Kb/6P |
identical in pinout to the LS/ALS164 | |
IW4013B |
120Kb/5P |
consists of two identical, independent data-type flip-flops | |
Emerson Network Power |
EIGHTH-BRICKB |
699Kb/4P |
Industry standard eighth-brick foot print (identical to quarter-brick pinout) |
PHOENIX CONTACT |
2900957 |
66Kb/3P |
relay base, for miniature power relay with 1 changeover contact or identical solid-state relays |
2901872 |
67Kb/3P |
relay base, for miniature power relay with 1 N/O contact or identical solid-state relays | |
List of Unclassifed Man... |
OCC8001-02 |
382Kb/2P |
The OCC8001-02 transceiver is a pin compatible successor of the OCC8001-01 with identical functionality, |
Omron Electronics LLC |
G3DZ2R6PLDC12 |
265Kb/4P |
SSR Identical to the G6D in Size with a Maximum AC/DC Switching Current of 0.6 A |
PHOENIX CONTACT |
0201595 |
45Kb/2P |
Cross connection rail, for fixed bridging of identical inputs and outputs, made of Cu, nickel-plated, 1 m long |
RIF-0-BSC |
66Kb/3P |
RIF-0... relay base, for miniature power relay with 1 changeover contact or identical solid-state relays, screw connection, for mounting on NS 35/7,5 | |
RIF-1-BSC |
63Kb/3P |
RIF-1... relay base, for miniature power relay with 1 or 2 changeover contacts or identical solid-state relays, screw connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5 |