Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



I2PAK Fiches techniques, Datasheet

Description trouvée : 'I2PAK' - Totale: 78 (1/4) Pages
FabricantNo de pièceVoirDescription

STMicroelectronics
STB42N65M5 N-channel 650 V, 0.070 Ω, 33 A MDmesh™ V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247

NXP Semiconductors
PSMN1R5-40ES_15 N-channel 40 V 1.6 m standard level MOSFET in I2PAK.
PSMN7R8-120ES_15 N-channel 120 V 7.9standard level MOSFET in I2PAK

STMicroelectronics
STF34N65M5 N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages

NXP Semiconductors
PSMN4R3-100ES_15 N-channel 100 V 4.3standard level MOSFET in I2PAK

STMicroelectronics
STP30NM50N N-channel 500 V, 0.090 Ω, 27 A MDmesh™ II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STW24NM65N N-channel 650 V - 0.16 Ω - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh™ Power MOSFET
STB80NF55-06 N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STB15NM60ND N-channel 600 V - 0.27 Ω - 14 A - FDmesh™ II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
STP21NM60ND N-channel 600 V, 0.17 Ω, 17 A FDmesh™ II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB12NM50N_08 N-channel 500 V, 0.29 Ω, 11 A MDmesh™ II Power MOSFET TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
STD11NM60N-1_08 N-channel 600 V - 0.37 Ω - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh™ Power MOSFET
STB25NM60ND N-channel 600 V - 0.13 Ω - 21 A FDmesh™ II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STP120NH03L N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion
STP24N60M2 N-channel 600 V, 0.168 Ω typ., 18 A MDmesh II Plus™ low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
STX11NM60N N-channel 600 V, 0.37 Ω, 10 A MDmesh™ II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD5N52U N-channel 525 V, 1.28 ohm, 4.4 A, DPAK, TO-220FP, I2PAK UltraFASTmesh Power MOSFET
STB60NF10_06 N-channel 100V - 0.019Ω - 80A - TO-220 - D2PAK - I2PAK STripFET™ II Power MOSFET

NXP Semiconductors
PSMN4R3-100ES N-channel 100 V 4.3standard level MOSFET in I2PAK

STMicroelectronics
STD90N4F3_09 N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET™ III Power MOSFET

1 2 3 4 Next


1 2 3 4 Next