Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

HOST Fiches techniques, Datasheet

Description trouvée : 'HOST' - Totale: 333 (1/17) Page
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
PL-2501 Hi-Speed USB Host to Host Bridge Controller
PL2701 Super-Speed USB Host to Host Bridge Controller

Renesas Technology Corp
UPD720200AF1-DAP-A The μPD720200A is the second generation Universal Serial Bus 3.0 host controller, which complies with Universal Serial Bus 3.0 Specification, and Intel’s eXtensible Host controller interface

THine Electronics, Inc.
THCV226_16 THCV226 is designed to support video data transmission between the host and display.
THCV231_16 The THCV231 and THCV236 are designed to support video data transmission between the host and display.

Sanyo Semicon Device
LC89513K CD-ROM Error Correction LSI for Integrated Host CPU System

Cirrus Logic
CL-PD6833 PCI-to-CardBus Host Adapter

Freescale Semiconductor...
MPC8640 Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series

Molex Electronics Ltd.
0674921731 1.27mm Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height3.70mm 0.76μm Gold (Au) Plating, White Housing, with Cap, EmbossedTape on Reel Packaging, 22 Circuits, Lead Free
0674921121 1.27mm Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 3.55mm 0.76μm Gold (Au) Plating, Tray Packaging, 22 Circuits, LeadFree

Panasonic Semiconductor
MVCA1Z SD Card Host IP

AVAGO TECHNOLOGIES LIMI...
SAS9217-8I Host Bus Adapter

Texas Instruments
TUSB7320_15 USB 3.0 xHCI Host Controller

Future Technology Devic...
VNC2-48Q1B-TRAY Vinculum-II Embedded Dual USB Host Controller IC

Winbond
W86L388D W86L388D Winbond Host Interface SD/MMC Memory Card Bridge

Freescale Semiconductor...
MPC8347EA Integrated Host Processor Hardware Specifications

Exar Corporation
XRS10L620 PCI-X to 2-SATA/1-PATA Host Controller

Molex Electronics Ltd.
0674921430 1.27mm Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 5.90mm Gold (Au) Flash, 22 Circuits, with Cap, Tape on Reel, Lead Free
0674921720 1.27mm Pitch Serial ATA Host Receptacle, SMT, Right Angle, Mating Height3.70mm Gold (Au) Flash, White Housing, without Cap, Embossed Tape onReel Packaging, 22 Circuits, Lead Free

Texas Instruments
LM8328 LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface

  1 2 3 4 5 6 7 8 9 10