Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  



HEIGHT Fiches technique, PDF

Mot-clé recherché : 'HEIGHT' - Totale: 19 (1/1) Pages
FabricantNo de pièceFiches techniqueDescription
Company Logo Img
Molex Electronics Ltd.
0873819005 Datasheet pdf image
327Kb/6P
2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Top Entry, 4.5mm (.177") Height
0782793002 Datasheet pdf image
654Kb/8P
0.60mm (.024") Pitch DDR3 SODIMM Socket, Right Angle, Reverse Mount, 5.20mm (.205") Mount Height
0876201001 Datasheet pdf image
162Kb/4P
1.27mm (.050) Pitch SCA-2 Receptacle, Through Hole, Right Angle, Extended Height, Reverse D Mate, Leadfree
0877131001 Datasheet pdf image
259Kb/6P
1.27mm (.050) Pitch Serial ATA Host Receptacle, Surface Mount, Vertical, Standard Height, with 3.70mm (.145) Plastic Locating Peg
0781715006 Datasheet pdf image
227Kb/4P
1.20mm (.047") Pitch Pico-EZmate??Wire-to-Board Header, Vertical, Housing Height: 1.65mm (.065"), with side-Friction Locks, 6 Circuits
0780110011 Datasheet pdf image
608Kb/9P
1.27mm (.050) Pitch Serial ATA Host Receptacle, 8.15mm Height, SMT, Vertical, with 1.00mm (.039) Plastic Locating Peg, Pick-and-Place Cap
0783670001 Datasheet pdf image
542Kb/7P
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Extended Height Receptacle, SMT, Vertical, with Pegs andSolder Tabs
0876781001 Datasheet pdf image
259Kb/6P
1.27mm (.050") Pitch Serial ATA Backplane Receptacle, Through Hole, VerticalExtended Height, 0.76關m (30關") Gold (Au) Selective, 22 Circuits, Leadfree
0785610004 Datasheet pdf image
341Kb/6P
Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Top Mount, Sink Type, 1.50mm (.059) Sink Mount Height, Lead free
0785600002 Datasheet pdf image
379Kb/6P
Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Top Mount, Sink Type, 1.80mm (.071) Sink Mount Height, Lead free
0785610002 Datasheet pdf image
388Kb/6P
Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Top Mount, Sink Type, 1.50mm (.059) Sink Mount Height, Lead free
0784760001 Datasheet pdf image
364Kb/6P
1.27mm (.050") Signal Pitch, 0.80mm (.031") SCSI Pitch, 1.27mm (.050") Power PitchSAS Receptacle, SMT, Straddle Mount, 1.20mm (.047") Height, 29 Circuits, Tray,Leadfree
0781641051 Datasheet pdf image
507Kb/7P
1.27mm (.050) Pitch SAS Combo Device Plug, Vertical, SMT, Standard Height 7.88mm (.310), with Solder Tab and Pick-and-Place Cap, 29 Circuits, Lead free
0781521443 Datasheet pdf image
158Kb/3P
0.80mm(.032) Pitch SODIMM Socket, Right Angle, SMT, 0.25關m (10關) Gold (Au) Plating, Mounted Height 5.2mm (.205), 3.3V Power Supply, with Pegs
0873819006 Datasheet pdf image
238Kb/4P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 4.5mm (.177) Height, 0.38關m (15關) Gold (Au) Plating, with Cap, without Locating Pegs
0873811800 Datasheet pdf image
327Kb/6P
2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 4.50mm (.177") Height, 0.38關m (15關") Gold (Au) Plating, with Cap,without Locating Peg
0873819002 Datasheet pdf image
327Kb/6P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 4.5mm (.177) Height, 0.38關m (15關) Gold (Au) Plating, with Cap, without Locating Pegs, 6 Circuits
0873819004 Datasheet pdf image
327Kb/6P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 4.5mm (.177) Height, 0.38關m (15關) Gold (Au) Plating, with Cap, without Locating Pegs, 16 Circuits
0780530001 Datasheet pdf image
308Kb/6P
1.27mm (.050") Signal Pitch, 0.80mm (.031") SCSI Pitch, 1.27mm (.050") Power PitchSAS Receptacle, Reverse, SMT, Right Angle, with Beveled Metal Pins and Pegs4.99mm (.196") Height, 29 Circuits, Tray, Leadfree

1


1



Qu'est-ce que HEIGHT


Dans les composants électroniques, la hauteur est un terme utilisé pour décrire la hauteur d'un composant.

C'est l'un des facteurs les plus importants dans la conception et la fabrication de composants électroniques.

La hauteur d'un composant électronique dépend de la taille et de la forme du composant et de son emplacement de montage.

Par exemple, des composants communs tels que les condensateurs et les résistances varient en hauteur de quelques millimètres à plusieurs dizaines de millimètres.

Cependant, pour les petits composants tels que les micropuces qui ne sont pas directement exposés au sein de la carte, les hauteurs peuvent aller de quelques micromètres à plusieurs millimètres.

La hauteur d'une pièce dépend de ce pour quoi il est conçu et où il est utilisé.

Par exemple, les petits produits électroniques tels que les appareils mobiles nécessitent des composants à profil bas car l'espace est très limité.

D'un autre côté, dans le cas de grands produits électroniques, des composants hauts peuvent être utilisés, de sorte que des condensateurs avec des capacités plus importants ou des dispositifs semi-conducteurs avec des sorties plus élevées peuvent être utilisés.

Par conséquent, dans les composants électroniques, la hauteur est l'un des facteurs les plus importants qui affectent considérablement la taille et la conception des composants.

En sélectionnant et en concevant les composants dans ce domaine, les performances et les fonctionnalités des composants électroniques peuvent être optimisées.