Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

HEATSINK Fiches techniques, Datasheet

Description trouvée : 'HEATSINK' - Totale: 1001 (1/51) Page
FabricantNo de pièceVoirDescription

Thinki Semiconductor Co...
FEP16BTA 16.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers

Assmann Electronics Inc...
V4330N Machined extruded heatsink TO-220

Pasternack Enterprises,...
PE7406-20 20 dB Fixed Attenuator, SMA Male To SMA Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7408-3 3 dB Fixed Attenuator, SMA Female To SMA Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7409-30 30 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7415-40 40 dB Fixed Attenuator, TNC Female To TNC Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7417-10 10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7418-50 50 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz

Advanced Power Electron...
AP3R303GMT-HF_16 SO-8 Compatible with Heatsink

Thinki Semiconductor Co...
IRF830PBF 5.0A,500V Heatsink N-Channel Type Power MOSFET
FQP65N06 65A,60V Heatsink Planar N-Channel Power MOSFET
MUR1220DR 12 Ampere Heatsink Series Connection Fast Recovery Half Bridge Rectifiers
MUR2020AT 20 Ampere Heatsink Common Anode Fast Recovery Half Bridge Rectifiers
MUR1680CTA 16.0 Ampere,800Volt Heatsink Common Anode Ultra Fast Recovery Rectifier

Delta Electronics, Inc.
AFB1224EHE-CF00 THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1224VHE-TC5F THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK

Shindengen Electric Mfg...
UD4KB80_17 60Hz sine wave, Resistane load, Without heatsink Ta=30℃

Pasternack Enterprises,...
PE7387-10 10 dB Fixed Attenuator, N Male To N Female Unidirectional Black Anodized Aluminum Heatsink Body Rated To 200 Watts Up To 3 GHz

Thinki Semiconductor Co...
MBR1635 16.0 Ampere Heatsink Type Single Schottky Barrier Rectifiers
FKT50N06 50A,60V Heatsink Planar N-Channel Power MOSFET

  1 2 3 4 5 6 7 8 9 10