Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

GHZ Fiches techniques, Datasheet

Description trouvée : 'GHZ' - Totale: 5 (1/1) Page
FabricantNo de pièceVoirDescription

RF Micro Devices
RFVC1800 WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
RFFM8800 2.4 GHz to 2.5GHz and 4.9GHz to 5.85GHz 802.11b/g/a/n Front End module
RF5632 SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
RFFC5071 WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
RF5623 SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER