Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

GBPS Fiches techniques, Datasheet

Description trouvée : 'GBPS' - Totale: 1870 (1/94) Page
FabricantNo de pièceVoirDescription

Texas Instruments
DS80PCI800SQ DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater

National Semiconductor ...
DS50EV401 2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer

Texas Instruments
DS80PCI102 DS80PCI102 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 1 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
DS50EV401_15 DS50EV401 2.5 Gbps / 5.0 Gbps or 8.0 Gbps Quad Cable and Backplane Equalizer
TLK3101 2.5 Gbps to 3.125 Gbps TRANSCEIVER

Vitesse Semiconductor C...
VSC8239 9.953 Gbps to 11.3 Gbps Dual XFP Signal Conditioner

Texas Instruments
DS50PCI402_15 DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis

Optoway Technology Inc
NU-73C94C-PG 3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver

Vitesse Semiconductor C...
VSC8479 9.95 Gbps to 11.3 Gbps 16-bit Transceiver

Texas Instruments
ONET4291VA 1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
DS50PCI402 DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis

Vitesse Semiconductor C...
VSC7280 Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver

Texas Instruments
TLK3101_16 2.5 Gbps to 3.125 Gbps TRANSCEIVER

Optoway Technology Inc
NU-73D74D-PG 3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX10-U ONU Transceiver
LT-74E73E-PG 3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20)
SPL-94B73B-WG ITU-T G.984.2 G-PON CLASS B+ Digital Diagnostic SC SFP OLT Transceiver 3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX / 1.244 Gbps 1310 nm Burst-Mode RX

Vitesse Semiconductor C...
VSC7640 4x 3.125 Gbps VCSEL Transmitter Array and 4x 3.125 Gbps Receiver Arrays with Integrated Limiting Amplifiers

Texas Instruments
TLK2500 1.6 Gbps to 2.5 Gbps TRANSCEIVER

  1 2 3 4 5 6 7 8 9 10