Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

FRONT Fiches techniques, Datasheet

Description trouvée : 'Front' - Totale: 345 (1/18) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0014564102 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 26, 0.76μm Gold (Au), 10 Circuits
0014564034 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 28, 0.76μm Gold (Au), 3 Circuits
0432028816_17 Modular Jack, Right Angle, Low Profile, Shielded, No Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0014564234 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 28, 0.76μm Gold (Au), 23 Circuits
0014567240 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 22, 3.81μm Tin/Lead (SnPb)
0014600049 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 26, 3.81μm Tin/Lead (SnPb)
0014567105 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 22, 0.38μm Gold (Au), 10 Circuits
0014568160 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female,Single Row, Version C, Front Ribs, Wire Size 22, 0.76μm Gold (Au), 16 Circuits
0050579219_18 SL Crimp Housing, Single Row, Version C, Front Ribs, 19 Circuits, Black
0014600159 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female,Single Row, Version C, Front Ribs, Wire Size 26, 3.81μm Tin/Lead (SnPb)
0014563196 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 26, 0.38μm Gold (Au), 19 Circuits
0014600109 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 26, 3.81μm Tin/Lead (SnPb)
0014564134 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 28, 0.76μm Gold (Au), 13 Circuits
0050579225_18 SL Crimp Housing, Single Row, Version C, Front Ribs, 25 Circuits, Black
0014563116 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 26, 0.38μm Gold (Au), 11 Circuits
0471511002_18 0.50mm Pitch HDMI Receptacle, Right-Angle with Screw Flange, Front Solder Tab Length 1.80mm, Shell Nickel (Ni) Plated, with Back Cover, Black Housing, Tray Package, 19 Circuits, Lead-Free
0014567230 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female,Single Row, Version C, Front Ribs, Wire Size 22, 3.81μm Tin/Lead (SnPb), 23 Circuits
0014600069 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 26, 3.81μm Tin/Lead (SnPb)
0014567205 2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 22, 0.38μm Gold (Au), 20 Circuits
0050579210_17 SL Crimp Housing, Single Row, Version C, Front Ribs, 10 Circuits

  1 2 3 4 5 6 7 8 9 10