Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

FUNCTION Fiches techniques, Datasheet

Description trouvée : 'FUNCTION' - Totale: 27 (1/2) Page
FabricantNo de pièceVoirDescription

Toshiba Semiconductor
TC62D723FNG 16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D723FG 16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D722CFNG 16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D723FNAG 16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TCD1103GFG 1500-elements, embedded electronic shutter function, for barcode scanner
TA8052AS 0.3A MOTOR DRIVER WITH BRAKE FUNCTION
TC7SP57FU Low Voltage Single Configurable Multiple Function Gate with 3.6-V Tolerant Inputs and Outputs
TB62217AFG PWM drive Stepping Motor Driver / Brush DC Motor Driver Selectable, DC-DC Converter and Reset function IC
TA8523F built-in enable function
TA8052S 0.3A MOTOR DRIVER WITH BRAKE FUNCTION
TC9162AN HIGH VOLTAGE ANALOG FUNCTION SWITCH ARRAY
TC9208N HIGH TENSION SUSTAINING ANALOG FUNCTION SWITCH
TA2131FN Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
TCD1205DG 2048-elements, embedded electronic shutter function, for barcode scanner
TC7SP97TU Low Voltage Single Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
TD62445FN LOW-SATURATION-TYPE SINK DRIVER WITH 4-CIRCUIT OVER-CURRENT DETECTION FUNCTION
TCD1254GFG 2500-elements, embedded electronic shutter function, for barcode scanner.
TMP86C420U High-speed, High-performance and low power consumption 8-bit microcomuter including ROM,RAM,LCD driver, multi function timer
TA8080K 1.0A MOTOR DRIVER WITH BRAKE FUNCTION
TCD1305DG 3648-elements, embedded electronic shutter function, for barcode scanner.

  1 2