Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

FRONT Fiches techniques, Datasheet

Description trouvée : 'FRONT' - Totale: 77 (1/4) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2203154 Handheld housing, C-Mini-Plus, light gray, consisting of two half shells, two front plates with screws, front 1.1 mm recessed, closed
2203161 Handheld housing, C-Medium, light gray, front level closed, consisting of two half shells, two front plates with screws
2832218 Ethernet Switch, 8 front Ethernet ports in RJ45 format, automatic detection of data transmission speed of 10 or 100 Mbps, coupling network segments with different transmission speeds, autocrossing function, DIN rail mountable
2200949 Panel mounting base, Front plate, Color: aluminum, Width: 235 mm, Constructional height: 2 mm
2904747 Front adapters - FLK 40-PA/EZ-DR/HF/KS/ 100/YUC
1405244 HOUSING WITH CRIMP CONTACTS FRONT MOUNTING
2904753 Front adapters - FLK 40-PA/EZ-DR/HF/KS/ 800/YUC
2203165 Handheld housing, C-Maxi, light gray, front level closed, consisting of two half shells with screws
2202102 Panel mounting base, length: 990 mm, Front plate, color: aluminum color, width: 101.8 mm, height: 2 mm
2322485 VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 3 m
2904750 Front adapters - FLK 40-PA/EZ-DR/HF/KS/ 400/YUC
2811569 Over 1600 signal conversions can be set via DIP switches on the front
2304128 VARIOFACE front adapter for Inline modules, for transferring 8 digital input signals.
2293844 Assembled round cable set, for front adapter of the SiemensSIMATIC® series, with one 16-pos. and one 14-pos.socket strip, for connecting 8 channels, cable length: 2 m
2904741 Front adapters - FLK 50-PA/EZ-DR/HF/KS/ 300/YUC
TP-3120W Robust and sturdy, thanks to glass front suitable for industrial use
2904487 Front adapters - FLK 50-PA/EZ-DR/HF/KS/2000/YUC
2904733 Front adapters - VIP-PA-PWR/40XOE/ 3,0M/S7
MICROFOX-EO Electronic front cutter, 20° angle, without chamfer, with opening spring
2200946 Panel mounting base, Front plate, Color: aluminum, Width: 130 mm, Constructional height: 2 mm

  1 2 3 4