Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

FRONT Fiches techniques, Datasheet

Description trouvée : 'FRONT' - Totale: 77 (1/4) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2203154 Handheld housing, C-Mini-Plus, light gray, consisting of two half shells, two front plates with screws, front 1.1 mm recessed, closed
2203161 Handheld housing, C-Medium, light gray, front level closed, consisting of two half shells, two front plates with screws
1405242 HOUSING WITH CRIMP CONTACTS FRONT MOUNTING
2322508 VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 5 m
2904752 Front adapters - FLK 40-PA/EZ-DR/HF/KS/ 700/YUC
2900991 Front adapters - FLK 50-PA/EZ-DR/KS/ 100/YUC
2904649 Front adapters - FLK 40-PA/EZ-DR/HF/KS/3000/YUC
2904749 Front adapters - FLK 40-PA/EZ-DR/HF/KS/ 300/YUC
2202098 Components of electronic housing - UM-ALU 4-100,5 FRONT 130AP
2302722 VARIOFACE front adapter, for SIMATIC S7-300 analog I/O cards, 2 x 8 channels can be connected.
TP-5120S IP65 degree of protection (front) IP20 degree of protection (back)
2713913 Large front surface for high-pos. plugs or operating and setting elements
2904740 Front adapters - FLK 50-PA/EZ-DR/HF/KS/ 200/YUC
TP-3070W Robust and sturdy, thanks to glass front suitable for industrial use
2904745 Front adapters - FLK 50-PA/EZ-DR/HF/KS/ 800/YUC
CUTFOX-EB Power front cutters, for removing individual contacts from insertion bridges.
2200945 Panel mounting base, Front plate, Color: aluminum, Width: 95 mm, Constructional height: 2 mm
2904639 Front adapters - FLK 50-PA/EZ-DR/HF/KS/2500/YUC
2200950 Panel mounting base, Front plate, Color: aluminum, Width: 990 mm, Constructional height: 2 mm
2322443 VIP VARIOFACE front adapter, with connected system cables for SMATIC S7-300, 1 x 32 channels can be connected, cable length: 0.5m

  1 2 3 4