Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

FROM Fiches techniques, Datasheet

Description trouvée : 'FROM' - Totale: 941 (11/48) Page
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE2CP1052 90 Degree Drop-In Hybrid Coupler From 1 GHz to 3 GHz Rated to 150 Watts
PE-W15TW1001 WR-15 90 Degree Waveguide Twist With a UG-385/U Flange Operating From 50 GHz to 75 GHz
PE8003 Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 4 GHz
PE7065-1 7 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 1 GHz To 2 GHz

Projects Unlimited, Inc...
APS3008S-R RELEASED FROM ENGINEERING

Pasternack Enterprises,...
PE51154 Whip Antenna Operates From 698 MHz to 870 MHz With a Typical 2 dBi Gain SMA Female Input Connector IP67 Rated
PE5TR1005 75 Ohm F Male General Purpose Calibration Kit Component Load Operating From DC to 3 GHz
PE1V11004_16 Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and 0.5 inch Package
PE9875 WR-62 Square Type Flange to N Female Waveguide to Coax Adapter Operating From 12.4 GHz to 18 GHz, Ku Band
PETP1004 Low PIM 7 dB 4.1/9.5 Mini DIN Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts

Sanyo Semicon Device
LC87F5NC8A CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller

Pasternack Enterprises,...
PE8601 50 Ohm SMA Frequency Doubler With Input From2000 MHz To 6000 MHz And Output From 2000 MHz To 6000 MHz With 11 dB Conversion Loss

Projects Unlimited, Inc...
ASE02808MR-LW150-R RELEASED FROM ENGINEERING

Pasternack Enterprises,...
PE2223-10 Dual Directional 10 dB SMA Coupler From 8 GHz to 16 GHz Rated To 10 Watts
PE1V15000 0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 305 MHz
PE-W28CP002-10 WR-28 10 dB Directional Waveguide Coupler With UG-599 - U Flange and H-Plane Coupled Port From 26.5 GHz to 40 GHz Ka Band
PE1V11018_16 0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz With Phase Noise of -89 dBc/Hz
PE1V31011 Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and SMA
PEWCA1016 WR-137 UG-344/U Round Cover Flange to N Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PE-W42PS1001 0 to 180 Degree WR-42 Waveguide Phase Shifter, From 18 GHz to 26.5 GHz, With a UG-595/U Flange

11 12 13 14 15 16 17 18 19 20