Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

FIBER Fiches techniques, Datasheet

Description trouvée : 'FIBER' - Totale: 24 (1/2) Page
FabricantNo de pièceVoirDescription

THOR communications
F-E1T1 The F-E1T1 fiber converters allow extension of a single T1 or E1 RJ45 / RJ48c 100ohms port over multi-mode or singlemode fiber
F-HDMI Thor F-HDMI-SMSC fiber extenders eliminate the limitations of traditional multimode or CAT5 HDMI extenders.
F-M8SD Eight HDSDI Fiber Transport Kit with Dual Aux Ports
F-RF-T The F-RF-TX transmitter is used to transmit RF cable TV signals (45- 870MHz) over a fiber optic cable
F-1ASI DVB-ASI Over Fiber Transport
F-M2SDI Two HDSDI Fiber Transport Kit with Optional Aux
F-4GPS Industrial 4 Ch GPS Fiber Optic Antenna Extension Kit
F-8V16A We offer both off the shelf and custom solutions for video transmission over fiber
F-GPSF The F-GPSF fiber link is a transmitter and receiver pair used to transmit the RF Carrier signal from a GPS antenna to a remote location up to 10 Km
F-CHASSIS The Thor Fiber Chassis systems are designed with system flexibility in mind.
F-KBAND-T The F-KBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 25 GHz
F-LB61 Six Channel High Density LBand Coax Over Fiber Kit
F-4V8A We offer both off the shelf and custom solutions for video transmission over fiber.
F-M1SDI One HDSDI Fiber Transport Kit with Return RS485
F-PHONE The F-1TEL is used for carrying a phone line over a fiber optic cable
DWDM-RF Scalable Distribution of multiple L-Band Polarities and GPON over Single Fiber
F-M4SDI Four HDSDI Fiber Transport Kit with Optional Aux
F-1V2A1ASI We offer off the shelf and custom solutions for multiplexing many types of signals onto a single fiber.
F-SBAND-T The F-SBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 5 GHz
F-LB41 Four Channel Rack Mount LBand RF Over Fiber Link

  1 2