Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



FAIL-SAFE Fiches techniques, Datasheet

Description trouvée : 'FAIL-SAFE' - Totale: 167 (1/9) Pages
FabricantNo de pièceVoirDescription

AVAGO TECHNOLOGIES LIMI...
ALM-11336 Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature

SHANGHAI BELLING CO., L...
BL3085B High ESD-Protected, Fail-Safe, Slew-Rate-Limited

Rohm
TCFG_A Chip tantalum capacitors (Fail-safe open structure type)
TCFG_C Chip tantalum capacitors with (Fail-safe open structure type)

Maxim Integrated Produc...
MAX3465_09 +5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers

Union Semiconductor, In...
UM202EESE High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers

STMicroelectronics
AN4443 Fail-safe feature of the RHFLVDS32A and RHFLVDSR2D2

Maxim Integrated Produc...
MAX3280E ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers

Intersil Corporation
ISL3280E ±16.5kV ESD Protected, +125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
ISL83070E_07 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E_07 ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3173EIBZ-T 15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers

Union Semiconductor, In...
UM3352E_15 ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers

Intersil Corporation
ISL3150E ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers

EPCOS
SFS14 SIOV metal oxide varistors Housed (Fail-safe) varistors

Maxim Integrated Produc...
MAX14780E 5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver

AVAGO TECHNOLOGIES LIMI...
ALM-11136_15 Fail-Safe Bypass Feature

Intersil Corporation
ISL83070E +-15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers

Maxim Integrated Produc...
MAX14780E_1110 5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver

Rohm
TCFG_B_12 Chip tantalum capacitors (Fail-safe open structure type)

1 2 3 4 5 6 7 8 9 Next