Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

EXTENSION Fiches techniques, Datasheet

Description trouvée : 'EXTENSION' - Totale: 386 (1/20) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2701040 I/O extension module for use with Nanoline base unit. Equipped with 2 analog input (0...10 V DC, -10...+10 V DC, 0/4...20 mA) and 2 analog output (0...10 V DC, 0/4...20 mA) channels. A maximum of three I/O extension modules can be attached to a base unit.
2695536 Available in overall widths from 12.5 mm to 90 mm, modular extension is possible

Tripp Lite. All Rights ...
P562015 DVI Dual Link Extension Cable, Digital TMDS Monitor Cable (DVI-D M-F), 15-ft

New Japan Radio
NJU6451A 80 OUTPUT BIT MAP LCD EXTENSION DRIVER

PHOENIX CONTACT
2901535 Digital I/O extension module with 4 digital inputs (0...250 V AC/DC), with screw connection, incl. DIN rail connector

Tripp Lite. All Rights ...
P022025 Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 25-ft

Microchip Technology
AC244028 Processor Extension Pak for PIC24F16KA102Family

PHOENIX CONTACT
2736903 Branch Terminal for Integrating a Fieldline Modular Local Bus in an Inline Station or for Local Bus Extension of an Inline Station

Tripp Lite. All Rights ...
P005006 Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 6-ft

Advantech Co., Ltd.
PCA-COM485-00A1E Extension Modules for Slot SBCs

PHOENIX CONTACT
2869388 Available in overall widths from 6.2 mm to 90 mm, modular extension is possible

Tripp Lite. All Rights ...
P004004BL Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13, Blue Plugs), 4-ft

List of Unclassifed Man...
N1705 7-bit and 8-bit codes and their extension

Amphenol Corporation
MA1JAE1200 Straight Extension, 12 Pos

Tripp Lite. All Rights ...
P311006 3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M-F), 6-ft

Assmann Electronics Inc...
AK500-OE-11-2 Power cord - IEC Extension

Tripp Lite. All Rights ...
P006-006-13RA NEMA 5-15P to Right-Angle IEC-320-C13 Power Extension Cable, Heavy Duty - 10A, 125V, 18 AWG, 6 ft., Black
P036-010-15A Heavy-Duty Power Extension Cord, 15A, 14 AWG (IEC-320-C19 to IEC-320-C20), 10 ft. (3 m)
UR024003WH Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), White, 3-ft

Intel Corporation
M80287 80-BIT HMOS* NUMERIC PROCESSOR EXTENSION

  1 2 3 4 5 6 7 8 9 10